| データシートサーチシステム |
|
EM6503 データシート(PDF) 2 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6503 データシート(HTML) 2 Page - EM Microelectronic - MARIN SA |
|
2 / 9 page ![]() EMDB65xx Copyright © 2005, EM Microelectronic-Marin SA 2 www.emmicroelectronic.com EM MICROELECTRONIC - MARIN SA 1. INTRODUCTION This document describes EMDB65xx general 4-bits microcontroller Demo board. EM offers MFP (MTP) versions of its ROM MCUs, best suited for engineering and development phases of a project, where the ROM memory is replaced by EEPROM This board contains the different MFP’s as EM6503, 04, 17, 20, 21, 22, 40 or 80 and additional parts to evaluate the selected EM65xx product or to evaluate quickly your application. You will be able to : - Program with external programmer the Flash / EEPROM EM65xx through the dedicated In-System- Programming connector. - Evaluate or run your application with the help of the existing components assembled on the board (push- button, leds, buzzer, switches) and open extensions (connectors, user area). - The EM65xx on the Demo board has to be programmed through the programming box. The programming box is manufactured by EM Microelectronic or from our 3 rd party : ELNEC. - The EM6580 can be programmed only with ELNEC tools. 2. HARDWARE DESCRIPTION 2.1 EMDB65XX |