| データシートサーチシステム |
|
LIS2DUX12 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS2DUX12 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 102 page ![]() 8.14 WAKE_UP_DUR (1Dh) R/W Table 48. WAKE_UP_DUR register FF_DUR5 WAKE_ DUR1 WAKE_ DUR0 ST_SIGN_Z SLEEP_ DUR3 SLEEP_ DUR2 SLEEP_ DUR1 SLEEP_ DUR0 Table 49. WAKE_UP_DUR register description FF_DUR5 Free-fall duration. Default value: 0 In conjunction with FF_DUR[4:0] in FREE_FALL (1Eh). 1 LSB: 1 ODR_time WAKE_DUR[1:0] Wake-up duration. Default value: 00 When the WU_DUR_EXTENDED bit in register WAKE_UP_DUR_EXT (0Eh) is set to 0, 1LSB of WAKE_DUR = 1 ODR_time, otherwise the following durations are selectable: (00: 3 ODR_time; 01: 7 ODR_time; 10: 11 ODR_time; 11: 15 ODR_time) ST_SIGN_Z Configures the sign of the self-test for the Z-axis. Default value: 0 SLEEP_DUR[3:0] Duration to go in sleep mode. Default value: 0000 which corresponds to 16 ODR_time 1 LSB: 512 ODR_time 8.15 FREE_FALL (1Eh) R/W Table 50. FREE_FALL register FF_DUR4 FF_DUR3 FF_DUR2 FF_DUR1 FF_DUR0 FF_THS2 FF_THS1 FF_THS0 Table 51. FREE_FALL register description FF_DUR[4:0] Free-fall duration. Default value: 0 In conjunction with FF_DUR5 in WAKE_UP_DUR (1Dh) 1 LSB: 1 ODR_time FF_THS[2:0] Free-fall threshold (000: 156 mg; 001: 219 mg; 010: 250 mg; 011: 312 mg; 100: 344 mg; 101: 406 mg; 110: 469 mg; 111: 500 mg) LIS2DUX12 WAKE_UP_DUR (1Dh) DS14071 - Rev 2 page 45/102 |