データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LIS2DUX12TR データシート(PDF) 45 Page - STMicroelectronics

部品番号 LIS2DUX12TR
部品情報  Ultralow-power accelerometer with AI & anti-aliasing
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DUX12TR データシート(HTML) 45 Page - STMicroelectronics

Back Button LIS2DUX12TR Datasheet HTML 41Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 42Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 43Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 44Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 45Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 46Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 47Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 48Page - STMicroelectronics LIS2DUX12TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
8.14
WAKE_UP_DUR (1Dh)
R/W
Table 48. WAKE_UP_DUR register
FF_DUR5
WAKE_
DUR1
WAKE_
DUR0
ST_SIGN_Z
SLEEP_
DUR3
SLEEP_
DUR2
SLEEP_
DUR1
SLEEP_
DUR0
Table 49. WAKE_UP_DUR register description
FF_DUR5
Free-fall duration. Default value: 0
In conjunction with FF_DUR[4:0] in FREE_FALL (1Eh).
1 LSB: 1 ODR_time
WAKE_DUR[1:0]
Wake-up duration. Default value: 00
When the WU_DUR_EXTENDED bit in register WAKE_UP_DUR_EXT (0Eh) is set to 0, 1LSB of
WAKE_DUR = 1 ODR_time, otherwise the following durations are selectable:
(00: 3 ODR_time;
01: 7 ODR_time;
10: 11 ODR_time;
11: 15 ODR_time)
ST_SIGN_Z
Configures the sign of the self-test for the Z-axis. Default value: 0
SLEEP_DUR[3:0]
Duration to go in sleep mode. Default value: 0000 which corresponds to 16 ODR_time
1 LSB: 512 ODR_time
8.15
FREE_FALL (1Eh)
R/W
Table 50. FREE_FALL register
FF_DUR4
FF_DUR3
FF_DUR2
FF_DUR1
FF_DUR0
FF_THS2
FF_THS1
FF_THS0
Table 51. FREE_FALL register description
FF_DUR[4:0]
Free-fall duration. Default value: 0
In conjunction with FF_DUR5 in WAKE_UP_DUR (1Dh)
1 LSB: 1 ODR_time
FF_THS[2:0]
Free-fall threshold
(000: 156 mg;
001: 219 mg;
010: 250 mg;
011: 312 mg;
100: 344 mg;
101: 406 mg;
110: 469 mg;
111: 500 mg)
LIS2DUX12
WAKE_UP_DUR (1Dh)
DS14071 - Rev 2
page 45/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More