データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78 データシート(PDF) 23 Page - STMicroelectronics

部品番号 L78
部品情報  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78 データシート(HTML) 23 Page - STMicroelectronics

Back Button L78_V01 Datasheet HTML 19Page - STMicroelectronics L78_V01 Datasheet HTML 20Page - STMicroelectronics L78_V01 Datasheet HTML 21Page - STMicroelectronics L78_V01 Datasheet HTML 22Page - STMicroelectronics L78_V01 Datasheet HTML 23Page - STMicroelectronics L78_V01 Datasheet HTML 24Page - STMicroelectronics L78_V01 Datasheet HTML 25Page - STMicroelectronics L78_V01 Datasheet HTML 26Page - STMicroelectronics L78_V01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
Figure 10. Current regulator
IO = VXX/R1+Id
GAMG220920161008MT
Figure 11. Circuit for increasing output voltage
IR1 5 Id
VO = VXX(1+R 2 /R1)+ I dR2
≥
GAMG220920161009MT
Figure 12. Adjustable output regulator (7 to 30 V)
GAMG220920161010MT
L78
Design consideration
DS0422 - Rev 36
page 23/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55