データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATMEGA325/V データシート(PDF) 3 Page - ATMEL Corporation

部品番号 ATMEGA325/V
部品情報  8-bit Microcontroller with In-System Programmable Flash
PDF  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA325/V データシート(HTML) 3 Page - ATMEL Corporation

  ATMEGA325/V Datasheet HTML 1Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 2Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 3Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 4Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 5Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 6Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 7Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 8Page - ATMEL Corporation ATMEGA325/V Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 347 page
background image
3
ATmega325/3250/645/6450
2570A–AVR–09/04
Figure 2. Pinout ATmega325/645
Note:
The large center pad underneath the MLF packages is made of metal and internally con-
nected to GND. It should be soldered or glued to the board to ensure good mechanical
stability. If the center pad is left unconnected, the package might loosen from the board.
Disclaimer
Typical values contained in this datasheet are based on simulations and characteriza-
tion of other AVR microcontrollers manufactured on the same process technology. Min
and Max values will be available after the device is characterized.
PC0
(RXD/PCINT0) PE0
(TXD/PCINT1) PE1
(XCK/AIN0/PCINT2) PE2
(AIN1/PCINT3) PE3
(USCK/SCL/PCINT4) PE4
(DI/SDA/PCINT5) PE5
(DO/PCINT6) PE6
(CLKO/PCINT7) PE7
(SCK/PCINT9) PB1
(MOSI/PCINT10) PB2
(MISO/PCINT11) PB3
(OC0A/PCINT12) PB4
(OC1B/PCINT14) PB6
(OC1A/PCINT13) PB5
PC1
PG0
PC2
PC3
PC4
PC5
PC6
PC7
PA7
PG2
PA6
PA5
PA4
PA3
PG1
INDEX CORNER
(SS/PCINT8) PB0
2
3
1
4
5
6
7
8
9
10
11
12
13
14
16
15
47
46
48
45
44
43
42
41
40
39
38
37
36
35
33
34
ATmega325/645
DNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More