| データシートサーチシステム |
|
74HC221 データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC221 データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 15 page ![]() December 1990 8 Philips Semiconductors Product specification Dual non-retriggerable monostable multivibrator with reset 74HC/HCT221 DC CHARACTERISTICS FOR 74HCT For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: standard (except for nREXT/CEXT) ICC category: MSI Note to HCT types The value of additional quiescent supply current ( ∆ICC) for a unit load of 1 is given in the family specifications. To determine ∆ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT UNIT LOAD COEFFICIENT nB 0.30 nA 0.50 nRD 0.50 |