データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MM54HC195N データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 MM54HC195N
部品情報  4-Bit Parallel Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC195N データシート(HTML) 3 Page - National Semiconductor (TI)

  MM54HC195N Datasheet HTML 1Page - National Semiconductor (TI) MM54HC195N Datasheet HTML 2Page - National Semiconductor (TI) MM54HC195N Datasheet HTML 3Page - National Semiconductor (TI) MM54HC195N Datasheet HTML 4Page - National Semiconductor (TI) MM54HC195N Datasheet HTML 5Page - National Semiconductor (TI) MM54HC195N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe15 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
fMAX
Maximum Operating Frequency
45
30
MHz
tPHL tPLH
Maximum Propagation Delay Clock to Q
14
24
ns
tPHL
Maximum Propagation Delay Reset to Q
16
25
ns
tREM
Minimum Removal Time ShiftLoad to Clock
0
ns
tREM
Minimum Removal Time Reset Inactive to Clock
5
ns
tS
Minimum Setup Time (A B C D J K to Clock)
20
ns
tS
Minimum Setup Time ShiftLoad to Clock
20
ns
tW
Minimum Pulse Width Clock or Reset
16
ns
tH
Minimum Hold Time any Input except ShiftLoad
0
ns
AC Electrical Characteristics CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
20V
10
6
5
4
MHz
Frequency
45V
45
30
24
20
MHz
60V
50
35
28
24
MHz
tPHL
Maximum Propagation
20V
70
150
189
224
ns
Delay Reset to Q or Q
45V
15
30
38
45
ns
60V
12
26
32
38
ns
tPHL tPLH
Maximum Propagation
20V
70
145
183
216
ns
Delay Clock to Q or Q
45V
15
29
37
43
ns
60V
12
25
31
37
ns
tTHL tTLH
Maximum Output Rise
20V
30
75
95
110
ns
and Fall Time
45V
8
15
19
22
ns
60V
7
13
16
19
ns
tREM
Minimum Removal Time
20V
b
20
0
0
ns
Shift Load to Clock
45V
b
20
0
0
ns
60V
b
20
0
0
ns
tREM
Minimum Removal Time
20V
5
5
5
ns
Reset Inactive to Clock
45V
5
5
5
ns
60V
5
5
5
ns
tS
Minimum Setup Time
20V
100
125
150
ns
(A B C D J K to Clock)
45V
20
25
30
ns
60V
17
21
25
ns
tS
Minimum Setup Time
20V
100
125
150
ns
ShiftLoad to Clock
45V
20
25
30
ns
60V
17
21
25
ns
tH
Minimum Hold Time
20V
b
10
0
0
0
ns
any Input except ShiftLoad
45V
b
20
0
0
ns
60V
b
20
0
0
ns
tW
Minimum Pulse Width
20V
30
80
100
120
ns
Clock or Reset
45V
10
16
20
24
ns
60V
9
14
18
20
ns
tr tf
Maximum Input Rise
20V
1000
1000
1000
ns
and Fall Time
45V
500
500
500
ns
60V
400
400
400
ns
CPD
Power Dissipation
100
pF
Capacitance (Note 5)
CIN
Maximum Input Capacitance
5
10
10
10
pF
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
3



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com