データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C02-R データシート(PDF) 7 Page - STMicroelectronics

部品番号 M24C02-R
部品情報  1-Kbit and 2-Kbit serial I²C bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-R データシート(HTML) 7 Page - STMicroelectronics

Back Button M24C02-R Datasheet HTML 3Page - STMicroelectronics M24C02-R Datasheet HTML 4Page - STMicroelectronics M24C02-R Datasheet HTML 5Page - STMicroelectronics M24C02-R Datasheet HTML 6Page - STMicroelectronics M24C02-R Datasheet HTML 7Page - STMicroelectronics M24C02-R Datasheet HTML 8Page - STMicroelectronics M24C02-R Datasheet HTML 9Page - STMicroelectronics M24C02-R Datasheet HTML 10Page - STMicroelectronics M24C02-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
4
Device operation
The device supports the I2C protocol. This is summarized in Figure 5. Any device that sends data on to the bus
is defined to be a transmitter, and any device that reads the data to be a receiver. The device that controls the
data transfer is known as the bus master, and the other as the slave device. A data transfer can only be initiated
by the bus master, which also provides the serial clock for synchronization. The device is always a slave in all
communications.
Figure 5. I2C bus protocol
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
STOP
Condition
1
2
3
7
8
9
MSB
ACK
START
Condition
SCL
1
2
3
7
8
9
MSB
ACK
STOP
Condition
M24C01/02-W M24C01/02-R M24C02-F
Device operation
DS9398 - Rev 7
page 7/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41