データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M95128-R データシート(PDF) 7 Page - STMicroelectronics

部品番号 M95128-R
部品情報  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-R データシート(HTML) 7 Page - STMicroelectronics

Back Button M95128-R Datasheet HTML 3Page - STMicroelectronics M95128-R Datasheet HTML 4Page - STMicroelectronics M95128-R Datasheet HTML 5Page - STMicroelectronics M95128-R Datasheet HTML 6Page - STMicroelectronics M95128-R Datasheet HTML 7Page - STMicroelectronics M95128-R Datasheet HTML 8Page - STMicroelectronics M95128-R Datasheet HTML 9Page - STMicroelectronics M95128-R Datasheet HTML 10Page - STMicroelectronics M95128-R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
4.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of the following two
modes:
•
CPOL = 0, CPHA = 0
•
CPOL = 1, CPHA = 1
For these two modes, input data is latched in on the rising edge of Serial clock (C), and output data is available
from the falling edge of Serial clock (C).
The difference between the two modes, as shown in Figure 6. SPI modes supported, is the clock polarity when
the bus master is in Stand-by mode and not transferring data:
•
C remains at 0 for (CPOL = 0, CPHA = 0)
•
C remains at 1 for (CPOL = 1, CPHA = 1)
Figure 6. SPI modes supported
MSB
MSB
C
D
Q
C
CPOL
0
1
CPHA
0
1
M95128-W M95128-R M95128-DF
SPI modes
DS1356 - Rev 20
page 7/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48