データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2904WDT データシート(PDF) 13 Page - STMicroelectronics

部品番号 LM2904WDT
部品情報  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WDT データシート(HTML) 13 Page - STMicroelectronics

Back Button LM2904WDT Datasheet HTML 9Page - STMicroelectronics LM2904WDT Datasheet HTML 10Page - STMicroelectronics LM2904WDT Datasheet HTML 11Page - STMicroelectronics LM2904WDT Datasheet HTML 12Page - STMicroelectronics LM2904WDT Datasheet HTML 13Page - STMicroelectronics LM2904WDT Datasheet HTML 14Page - STMicroelectronics LM2904WDT Datasheet HTML 15Page - STMicroelectronics LM2904WDT Datasheet HTML 16Page - STMicroelectronics LM2904WDT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7
Macromodel
An accurate macromodel of the LM2904, LM2904A is available on STMicroelectronics’ web site at: www.st.com .
This model is a trade-off between accuracy and complexity (that is, time simulation) of the LM2904, LM2904A
operational amplifier. It emulates the nominal performances of a typical device within the specified operating
conditions mentioned in the datasheet. It also helps to validate a design approach and to select the right
operational amplifier, but it does not replace on-board measurements.
LM2904, LM2904A, LM2904W, LM2904AW
Macromodel
DS0508 - Rev 20
page 13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28