データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2904A データシート(PDF) 24 Page - STMicroelectronics

部品番号 LM2904A
部品情報  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904A データシート(HTML) 24 Page - STMicroelectronics

Back Button LM2904A Datasheet HTML 20Page - STMicroelectronics LM2904A Datasheet HTML 21Page - STMicroelectronics LM2904A Datasheet HTML 22Page - STMicroelectronics LM2904A Datasheet HTML 23Page - STMicroelectronics LM2904A Datasheet HTML 24Page - STMicroelectronics LM2904A Datasheet HTML 25Page - STMicroelectronics LM2904A Datasheet HTML 26Page - STMicroelectronics LM2904A Datasheet HTML 27Page - STMicroelectronics LM2904A Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Date
Revision
Changes
Removed “plastic micropackage” from SO8 and DFN8 2x2 package silhouettes; removed “thin
shrink small outline package” from TSSOP8 package silhouette
Table 3: unit of VOL parameter changed from “V” to ‘mV”
DFN8 2x2 package information: updated “L”
TSSOP8 package information: “aaa” is a typ. value not a max value
15-Feb-2019
18
Added new part numbers LM2904W, LM2904AW, Figure 2. Schematic diagram (LM2904W,
LM2904AW) and Table 2. Operating conditions.
Updated: Table 1. Absolute maximum ratings, Section 4 Electrical characteristics and Section 9
Ordering information
26-Apr-2021
19
Added new Iin row parameter in Table 1. Absolute maximum ratings.
02-Aug-2022
20
Added new Section 8.2 DFN8 2 x 2 wettable flank package information and new LM2904YQ6T
order code in Table 9.
LM2904, LM2904A, LM2904W, LM2904AW
DS0508 - Rev 20
page 24/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28