| データシートサーチシステム |
|
M95256-DF データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-DF データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 51 page ![]() Figure 14. Page Write (WRITE) sequence C D S 34 33 35 36 37 38 39 40 41 42 44 45 46 47 32 C D S 15 2 1 3 4 5 6 7 8 9 10 20 21 22 23 24 25 26 27 14 13 3 2 1 0 28 29 30 Instruction 16-Bit Address 0 7 6 5 4 3 2 0 1 Data Byte 1 31 43 7 6 5 4 3 2 0 1 Data Byte 2 7 6 5 4 3 2 0 1 Data Byte 3 6 5 4 3 2 0 1 Data Byte N 1. Depending on the memory size, as shown in Table 5. Significant bits within the address bytes, the most significant address bits are Don’t care. M95256-W M95256-R M95256-DF Write to Memory array (WRITE) DS4712 - Rev 22 page 20/51 |