データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74V2G132STR データシート(PDF) 6 Page - STMicroelectronics

部品番号 74V2G132STR
部品情報  DUAL 2-INPUT SHMITT TRIGGER NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G132STR データシート(HTML) 6 Page - STMicroelectronics

  74V2G132STR Datasheet HTML 1Page - STMicroelectronics 74V2G132STR Datasheet HTML 2Page - STMicroelectronics 74V2G132STR Datasheet HTML 3Page - STMicroelectronics 74V2G132STR Datasheet HTML 4Page - STMicroelectronics 74V2G132STR Datasheet HTML 5Page - STMicroelectronics 74V2G132STR Datasheet HTML 6Page - STMicroelectronics 74V2G132STR Datasheet HTML 7Page - STMicroelectronics 74V2G132STR Datasheet HTML 8Page - STMicroelectronics 74V2G132STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74V2G132
6/9
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.10
31.5
43.3
A1
0.00
0.10
0.0
3.9
A2
0.80
1.00
31.5
34.9
b
0.13
0.28
5.1
11.0
C
0.10
0.18
3.9
7.1
D
1.80
2.20
70.9
86.6
E
1.80
2.40
70.9
94.5
E1
1.15
1.35
45.3
53.1
e
0.5
19.7
e1
1.5
59.0
L
0.10
0.30
3.9
11.8
SOT323-8L MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9