データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAL007 データシート(PDF) 14 Page - STMicroelectronics

部品番号 PAL007
部品情報  4 x 51 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PAL007 データシート(HTML) 14 Page - STMicroelectronics

Back Button PAL007 Datasheet HTML 9Page - STMicroelectronics PAL007 Datasheet HTML 10Page - STMicroelectronics PAL007 Datasheet HTML 11Page - STMicroelectronics PAL007 Datasheet HTML 12Page - STMicroelectronics PAL007 Datasheet HTML 13Page - STMicroelectronics PAL007 Datasheet HTML 14Page - STMicroelectronics PAL007 Datasheet HTML 15Page - STMicroelectronics PAL007 Datasheet HTML 16Page - STMicroelectronics PAL007 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package information
TDA7560
14/17
Doc ID 6886 Rev 6
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 20.
Flexiwatt25 (vertical) mechanical data and package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17