| データシートサーチシステム |
|
74HC4516DB データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC4516DB データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 14 page ![]() December 1990 13 Philips Semiconductors Product specification Binary up/down counter 74HC/HCT4516 APPLICATION INFORMATION Fig.12 Cascading counter packages (parallel clocking). Terminal count (TC) lines at the 2nd, 3rd, etc. Stages may have a negative-going glitch pulse resulting from differential delays of different 4516s. These negative-going glitches do not affect proper 4516 operation. However, if the terminal count signals are used to trigger other edge-sensitive logic devices, such as flip-flops or counters, the terminal count signals should be gated with the clock signal using a 2-input OR gate such as HC/HCT32. Fig.13 Cascading counter packages (ripple clocking). Ripple clocking mode: the UP/DN control can be changed at any count. The only restriction on changing the UP/DN control is that the clock input to the first counting stage must be “HIGH”. For cascading counters operating in a fixed up-count or down-count mode, the OR gates are not required between stages and TC is connected directly to the CP input of the next stage with CE grounded. |