データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8280CVRFX データシート(PDF) 38 Page - NXP Semiconductors

部品番号 MPC8280CVRFX
部品情報  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8280CVRFX データシート(HTML) 38 Page - NXP Semiconductors

Back Button MPC8280CVRFX Datasheet HTML 34Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 35Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 36Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 37Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 38Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 39Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 40Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 41Page - NXP Semiconductors MPC8280CVRFX Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
38
Freescale Semiconductor
Clock Configuration Modes
NOTE: PCI_MODCK
In PCI mode only, PCI_MODCK comes from the LGPL5 pin and
MODCK_H[0–3] comes from {LGPL0, LGPL1, LGPL2, LGPL3}.
NOTE: Tval (Output Hold)
The minimum Tval = 2 ns when PCI_MODCK = 1, and the minimum
Tval = 1 ns when PCI_MODCK = 0. Therefore, designers should use clock
configurations that fit this condition to achieve PCI-compliant AC timing.
Table 21. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2
Mode3
PCI Clock
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High
Default Modes (MODCK_H=0000
0000_000
60.0
66.7
2
120.0 133.3
2.5
150.0 166.7
2
60.0
66.7
0000_001
50.0
66.7
2
100.0 133.3
3
150.0 200.0
2
50.0
66.7
0000_010
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0000_011
50.0
66.7
3
150.0 200.0
4
200.0 266.6
3
50.0
66.7
0000_100
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
0000_101
50.0
66.7
3
150.0 200.0
3.5
210.0 280.0
2.5
60.0
80.0
0000_110
50.0
66.7
4
200.0 266.6
3.5
233.3 311.1
3
66.7
88.9
0000_111
50.0
66.7
4
200.0 266.6
3
240.0 320.0
2.5
80.0
106.7
Full Configuration Modes
0001_001
60.0
66.7
2
120.0 133.3
5
150.0 166.7
4
30.0
33.3
0001_010
50.0
66.7
2
100.0 133.3
6
150.0 200.0
4
25.0
33.3
0001_011
50.0
66.7
2
100.0 133.3
7
175.0 233.3
4
25.0
33.3
0001_100
50.0
66.7
2
100.0 133.3
8
200.0 266.6
4
25.0
33.3
0010_001
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
0010_010
50.0
66.7
3
150.0 200.0
3.5
210.0 280.0
2.5
60.0
80.0
0010_011
50.0
66.7
3
150.0 200.0
4
240.0 320.0
2.5
60.0
80.0
0010_100
50.0
66.7
3
150.0 200.0
4.5
270.0 360.0
2.5
60.0
80.0
0011_000
Reserved
0011_001
Reserved
0011_010
Reserved
0011_011
Reserved
0011_100
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83