データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8270CVVFX データシート(PDF) 39 Page - NXP Semiconductors

部品番号 MPC8270CVVFX
部品情報  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8270CVVFX データシート(HTML) 39 Page - NXP Semiconductors

Back Button MPC8270CVVFX Datasheet HTML 35Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 36Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 37Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 38Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 39Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 40Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 41Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 42Page - NXP Semiconductors MPC8270CVVFX Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
Freescale Semiconductor
39
Clock Configuration Modes
0100_000
Reserved
0100_001
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0
66.7
0100_010
50.0
66.7
3
150.0 200.0
3.5
175.0 200.0
3
50.0
66.7
0100_011
50.0
66.7
3
150.0 200.0
4
200.0 266.6
3
50.0
66.7
0100_100
50.0
66.7
3
150.0 200.0
4.5
225.0 300.0
3
50.0
66.7
0101_000
50.0
66.7
5
250.0 333.3
2.5
250.0 333.3
2.5
100.0
133.3
0101_001
50.0
66.7
5
250.0 333.3
3
300.0 400.0
2.5
100.0
133.3
0101_010
50.0
66.7
5
250.0 333.3
3.5
350.0 466.6
2.5
100.0
133.3
0101_011
50.0
66.7
5
250.0 333.3
4
400.0 533.3
2.5
100.0
133.3
0101_100
50.0
66.7
5
250.0 333.3
4.5
450.0 599.9
2.5
100.0
133.3
0101_101
50.0
66.7
5
250.0 333.3
5
500.0 666.6
2.5
100.0
133.3
0101_110
50.0
66.7
5
250.0 333.3
5.5
550.0 733.3
2.5
100.0
133.3
0110_000
Reserved
0110_001
50.0
66.7
4
200.0 266.6
3
200.0 266.6
3
66.7
88.9
0110_010
50.0
66.7
4
200.0 266.6
3.5
233.3 311.1
3
66.7
88.9
0110_011
50.0
66.7
4
200.0 266.6
4
266.7 355.5
3
66.7
88.9
0110_100
50.0
66.7
4
200.0 266.6
4.5
300.0 400.0
3
66.7
88.9
0111_000
50.0
66.7
3
150.0 200.0
2
150.0 200.0
2
75.0
100.0
0111_001
50.0
66.7
3
150.0 200.0
2.5
187.5 250.0
2
75.0
100.0
0111_010
50.0
66.7
3
150.0 200.0
3
225.0 300.0
2
75.0
100.0
0111_011
50.0
66.7
3
150.0 200.0
3.5
262.5 350.0
2
75.0
100.0
1000_000
Reserved
1000_001
50.0
66.7
3
150.0 200.0
2.5
150.0 166.7
2.5
60.0
80.0
1000_010
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
1000_011
50.0
66.7
3
150.0 200.0
3.5
210.0 280.0
2.5
60.0
80.0
1000_100
50.0
66.7
3
150.0 200.0
4
240.0 320.0
2.5
60.0
80.0
1000_101
50.0
66.7
3
150.0 200.0
4.5
270.0 360.0
2.5
60.0
80.0
Table 21. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2 (continued)
Mode3
PCI Clock
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83