| データシートサーチシステム |
|
MPC8270CVRMX データシート(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC8270CVRMX データシート(HTML) 29 Page - NXP Semiconductors |
|
29 / 83 page ![]() MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2 Freescale Semiconductor 29 Clock Configuration Modes 0110_000 50.0 167.0 2 100.0 334.0 3.5 250.0 584.5 0110_001 50.0 167.0 2 100.0 334.0 4 250.0 668.0 0110_010 50.0 167.0 2 100.0 334.0 4.5 250.0 751.5 0110_011 Reserved 0110_100 60.0 160.0 2.5 150.0 400.0 2.5 150.0 400.0 0110_101 50.0 160.0 2.5 125.0 400.0 3 150.0 480.0 0110_110 42.9 160.0 2.5 107.1 400.0 3.5 150.0 560.0 0110_111 40.0 160.0 2.5 100.0 400.0 4 160.0 640.0 0111_000 40.0 160.0 2.5 100.0 400.0 4.5 180.0 720.0 0111_001 Reserved 0111_010 Reserved 0111_011 50.0 133.3 3 150.0 400.0 3 150.0 400.0 0111_100 42.9 133.3 3 128.6 400.0 3.5 150.0 466.7 0111_101 37.5 133.3 3 112.5 400.0 4 150.0 533.3 0111_110 33.3 133.3 3 100.0 400.0 4.5 150.0 600.0 0111_111 Reserved 1000_000 Reserved 1000_001 Reserved 1000_010 42.9 114.3 3.5 150.0 400.0 3.5 150.0 400.0 1000_011 37.5 114.3 3.5 131.3 400.0 4 150.0 457.1 1000_100 33.3 114.3 3.5 116.7 400.0 4.5 150.0 514.3 1000_101 30.0 114.3 3.5 105.0 400.0 5 150.0 571.4 1000_110 28.6 114.3 3.5 100.0 400.0 5.5 150.0 628.6 1100_000 Reserved 1100_001 Reserved 1100_010 Reserved 1101_000 Reserved Table 18. Clock Configurations for Local Bus Mode1 (continued) Mode2 Bus Clock3 (MHz) CPM Multiplication Factor4 CPM Clock (MHz) CPU Multiplication Factor5 CPU Clock (MHz) MODCK_H-MODCK[1:3] Low High Low High Low High |