| データシートサーチシステム |
|
AMF10 データシート(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
AMF10 データシート(HTML) 2 Page - Vishay Siliconix |
|
2 / 7 page ![]() AMW, AMF Wirewound/Metal Film Resistors, Commercial Power, Axial Lead Vishay Phoenix Document Number: 30249 For technical questions, contact: ww2aresistors@vishay.com www.vishay.com Revision: 14-Feb-08 2 End-of-Life Vishay Phoenix Product Note: (1) Long leads (38.1 mm) available on request ELECTRICAL CHARACTERISTICS The power that the resistor can dissipate depends on the operating temperature. Maximum dissipation (Pmax.) in percentage of rated power as a function of ambient temperature (Tamb) Notes: Application information available on request: • Pulse load behavior • High frequency behavior (self inductance) • Hot spot and solder spot curves DIMENSIONS in millimeters (inches) TYPE A H B E Ød L (1) AMW03 AMF03 22.2 ± 1.5 (0.87 ± 0.06) 8.0 ± 1.0 (0.32 ± 0.04) 8.0 ± 1.0 (0.32 ± 0.04) 9.5 ± 1.0 (0.374 ± 0.04) 0.80 ± 0.03 (0.031 ± 0.001) 28.0 ± 2.5 (1.11 ± 0.098) AMW05 AMF05 22.2 ± 1.5 (0.87 ± 0.06) 9.5 ± 1.0 (0.37 ± 0.04) 9.5 ± 1.0 (0.37 ± 0.04) 11 ± 1.0 (0.433 ± 0.04) AMW07 AMF07 35 ± 1.5 (1.38 ± 0.059) 9.5 ± 1.0 (0.37 ± 0.04) 9.5 ± 1.0 (0.37 ± 0.04) 11.9 ± 1.0 (0.469 ± 0.04) AMW10 AMF10 48 ± 2 (1.89 ± 0.079) 9.5 ± 1.0 (0.37 ± 0.04) 9.5 ± 1.0 (0.37 ± 0.04) 11.9 ± 1.0 (0.469 ± 0.04) AMW15 48 ± 2 (1.89 ± 0.079) 12.5 ± 1.0 (0.49 ± 0.04) 12.5 ± 1.0 (0.49 ± 0.04) 15.9 ± 1.0 (0.626 ± 0.04) AMW20 63.5 ± 2 (2.5 ± 0.079) 12.5 ± 1.0 (0.49 ± 0.04) 12.5 ± 1.0 (0.49 ± 0.04) 15.9 ± 1.0 (0.626 ± 0.04) A H Ø d B FLAT VERSION LL A H Ø d B STAND-OFF VERSION LL E 0 0 25 275 100 T amb (°C) DERATING 3 W 5 W 7 W 10 W 15 W 20 W 40 |