| データシートサーチシステム |
|
SFSINGLEMODE2 データシート(PDF) 7 Page - Fluke Corporation |
|
|
|||||||||||||||||||||||||||||
SFSINGLEMODE2 データシート(HTML) 7 Page - Fluke Corporation |
|
7 / 11 page ![]() Copper and Fiber Basic Technician’s Kit As project requirements grow to include both copper and fiber cabling, the Copper and Fiber Basic Technician's Kit (MS2-FTK) provides the right set of tools to manage your network and keep it running smoothly. Along with the features of the Simplifiber Pro, the MS2-FTK provides the copper testing instruments needed to: Graphically display wiremap, cable ID, and distance to fault on one screen Length of each pair Built in Analog and Intellitone digital toner Test all common copper media types including RJ11, RJ46, Coax, with no need for adapters Locate virtually any cable or wire pair with IntelliTone™ digital and analog toning Verify today’s media services, including 10/100/1000 Ethernet, POTS, and PoE MS2-FTK 7 of 11 |