| データシートサーチシステム |
|
H5TC4G63CFR-RDL データシート(PDF) 25 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5TC4G63CFR-RDL データシート(HTML) 25 Page - Hynix Semiconductor |
|
25 / 33 page ![]() Rev. 1.4/ Oct. 2015 25 IDD Specifications IDD values are for full operating range of voltage and temperature unless otherwise noted. IDD Specification Notes: 1. Applicable for MR2 settings A6=0 and A7=0. Temperature range for IDD6 is 0 - 85oC. 2. Applicable for MR2 settings A6=0 and A7=1. Temperature range for IDD6ET is 0 - 95oC. Speed Grade Bin DDR3 - 1066 7-7-7 DDR3 - 1333 9-9-9 DDR3 - 1600 11-11-11 DDR3 - 1866 13-13-13 Unit Notes Symbol Max. Max. Max. Max. IDD0 25 26 27 30 mA x8 33 34 35 38 mA x16 IDD01 31 32 34 36 mA x8 42 43 44 47 mA x16 IDD2P0 7 778 mA x8 10 10 10 11 mA x16 IDD2P1 7 778 mA x8 10 10 10 11 mA x16 IDD2N 10 12 12 14 mA x8 13 14 15 17 mA x16 IDD2NT 14 15 17 19 mA x8 16 17 19 23 mA x16 IDD2Q 10 12 12 14 mA x8 13 13 14 16 mA x16 IDD3P 19 20 20 21 mA x8 21 22 22 23 mA x16 IDD3N 26 28 28 32 mA x8 28 30 31 34 mA x16 IDD4R 66 77 86 100 mA x8 92 107 125 142 mA x16 IDD4w 68 79 86 100 mA x8 95 110 125 142 mA x16 IDD5B 130 130 130 135 mA x8/x16 IDD6 99 9 10 mA x8 10 10 10 12 mA x16 IDD6 (Low Power) 99 9 10 mA x8 99 9 10 mA x16 IDD6ET 12 12 12 18 mA x8 13 13 13 20 mA x16 IDD7 105 120 125 140 mA x8 155 175 180 185 mA x16 |