| データシートサーチシステム |
|
IP175DLF データシート(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IP175DLF データシート(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 145 page ![]() IP175DLF Datasheet 2 Pin Description 13/145 August 22, 2014 Copyright © 2007, IC Plus Corp. IP175DLF-DS-R10.1 Type Description I Input pin O Output pin IPL Input pin with internal pull low 140k ohm IPH Input pin with internal pull high 222k ohm Type Description IPL1 Input pin with internal pull low 31.6k ohm IPH1 Input pin with internal pull high 31.6k ohm IPL2 Input pin with internal pull low 140k ohm IPH2 Input pin with internal pull high 222k ohm Pin No. Label Type Description Analog 120 REG_OUT O Regulator output. The internal linear regulator uses this pin to control external transistor to generates a voltage source between 1.85v ~ 2.05v. IP175DLF uses the DVCC/AVCC as feedback voltage. |