| データシートサーチシステム |
|
RT4MPR データシート(PDF) 18 Page - REAN |
|
|
|||||||||||||||||||||||||||||
RT4MPR データシート(HTML) 18 Page - REAN |
|
18 / 24 page ![]() 18 Patch Box & Stage Boxes Patch Box & Stage Boxes Patch Box "The Easy Way to Link your Audio System" 1/4" Patch box with 8 send/return moduls (split print) Metal housing – reliable and robust Easy to assemble, simple to use NYS-SSR-8 NSB1C-8/0 NSB2B-12/4 NYS SSR-8 Stage Boxes NSB2A-20/4 Modular system for individual size and configuration Designed to be in an individual combination of connectors for "IN" and "OUT" and length Easy to assemble 3 pole XLR IDC receptacles eliminate stripping and tinning of wires Luminescent, self-adhesive labels for connector identification Extremely price competitive Type A Type B Type C Type A L NSB1A 132 (5.2') NSB2A 252 (9.93') NSB3A 372 (14.65') NSB4A 491 (19.33') Type B L NSB1B 132 (5.2') NSB2B 252 (9.93') NSB3B 372 (14.65') Type C L NSB1C 132 (5.2') NSB2C 252 (9.93') NSB3C 372 (14.65') |