| データシートサーチシステム |
|
ADC34RF52 データシート(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC34RF52 データシート(HTML) 48 Page - Texas Instruments |
|
48 / 105 page ![]() 7.3.6.2.2 JESD204B Frame Assembly with Real Decimation - Single Band Table 7-30 lists the available JESD204B formats and corresponding valid sampling rate ranges for the ADC34RF52. The sampling rates are limited by the minimum and maximum SERDES line rate as well as ADC sampling clock frequencies. The JESD204B frame assembly for the different lanes is shown in Table 7-31. Table 7-30. JESD Mode Options: Real Decimation DECIMATION SETTING D (complex) L M F S MIN FS (Gsps) MAX FS (Gsps) RATIO [fSERDES/(FS/D)] /4 8 4 2 2 0.5 1.5 10 /8 /16 0.8 /4 4 4 2 1 0.5 1.5 20 /8 /16 /32 0.8 /4 2 4 4 1 0.5 1.3 40 /8 1.5 /16 /32 /64 0.8 /8 1 4 8 1 0.5 1.3 80 /16 1.5 /32 /64 /128 0.8 Table 7-31. JESD Sample Frame Assembly: Real Decimation - Single Band OUTPUT LANE LMFS = 8422 LMFS = 4421 LMFS = 2441 LMFS = 1481 DOUT0 A0 [15:8] A0 [7:0] A0 [15:8] A0 [7:0] A0 [15:8] A0 [7:0] B0 [15:8] B0 [7:0] A0 [15:8] A0 [7:0] B0 [15:8] B0 [7:0] C0 [15:8] C0 [7:0] D0 [15:8] D0 [7:0] DOUT1 A1 [15:8] A1 [7:0] B0 [15:8] B0 [7:0] C0 [15:8] C0 [7:0] D0 [15:8] D0 [7:0] DOUT2 B0 [15:8] B0 [7:0] C0 [15:8] C0 [7:0] DOUT3 B1 [15:8] B1 [7:0] D0 [15:8] D0 [7:0] DOUT4 C0 [15:8] C0 [7:0] DOUT5 C1 [15:8] C1 [7:0] DOUT6 D0 [15:8] D0 [7:0] DOUT7 D1 [15:8] D1 [7:0] ADC34RF52 SBASAI7 – MARCH 2023 www.ti.com 48 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: ADC34RF52 |