データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103CB データシート(PDF) 31 Page - STMicroelectronics

部品番号 STM32F103CB
部品情報  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CB データシート(HTML) 31 Page - STMicroelectronics

Back Button STM32F103CB Datasheet HTML 27Page - STMicroelectronics STM32F103CB Datasheet HTML 28Page - STMicroelectronics STM32F103CB Datasheet HTML 29Page - STMicroelectronics STM32F103CB Datasheet HTML 30Page - STMicroelectronics STM32F103CB Datasheet HTML 31Page - STMicroelectronics STM32F103CB Datasheet HTML 32Page - STMicroelectronics STM32F103CB Datasheet HTML 33Page - STMicroelectronics STM32F103CB Datasheet HTML 34Page - STMicroelectronics STM32F103CB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
DS5319 Rev 18
31/116
STM32F103x8, STM32F103xB
Pinouts and pin description
115
H9 J12
-
-
-
57
-
PD10
I/O FT
PD10
-
USART3_CK
G9 J11
-
-
-
58
-
PD11
I/O FT
PD11
-
USART3_CTS
K10 J10
-
-
-
59
-
PD12
I/O FT
PD12
-
TIM4_CH1 /
USART3_RTS
J10 H12
-
-
-
60
-
PD13
I/O FT
PD13
-
TIM4_CH2
H10 H11
-
-
-
61
-
PD14
I/O FT
PD14
-
TIM4_CH3
G10 H10
-
-
-
62
-
PD15
I/O FT
PD15
-
TIM4_CH4
F10 E12
-
F6
37
63
-
PC6
I/O FT
PC6
-
TIM3_CH1
E10 E11
E7
38
64
-
PC7
I/O FT
PC7
-
TIM3_CH2
F9 E10
E8
39
65
-
PC8
I/O FT
PC8
-
TIM3_CH3
E9 D12
-
D8
40
66
-
PC9
I/O FT
PC9
-
TIM3_CH4
D9 D11 29
D7
41
67 20
PA8
I/O FT
PA8
USART1_CK/
TIM1_CH1(9)/
MCO
-
C9 D10 30
C7
42
68 21
PA9
I/O FT
PA9
USART1_TX(9)/
TIM1_CH2(9)
-
D10 C12 31
C6
43
69 22
PA10
I/O FT
PA10
USART1_RX(9)/
TIM1_CH3(9)
-
C10 B12 32
C8
44
70 23
PA11
I/O FT
PA11
USART1_CTS/
CANRX(9)/
USBDM/
TIM1_CH4(9)
-
B10 A12 33
B8
45
71 24
PA12
I/O FT
PA12
USART1_RTS/
CANTX(9)
/USBDP
TIM1_ETR(9)
-
A10 A11 34
A8
46
72 25
PA13
I/O FT JTMS/SWDIO
-
PA13
F8 C11
-
-
-
73
-
Not connected
-
E6 F11 35
D5
47
74 26
VSS_2
S-
VSS_2
--
F6 G11 36
E5
48
75 27
VDD_2
S-
VDD_2
--
Table 5. Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More