データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103C8T6XXX データシート(PDF) 27 Page - STMicroelectronics

部品番号 STM32F103C8T6XXX
部品情報  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8T6XXX データシート(HTML) 27 Page - STMicroelectronics

Back Button STM32F103C8T6XXX Datasheet HTML 23Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 24Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 25Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 26Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 27Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 28Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 29Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 30Page - STMicroelectronics STM32F103C8T6XXX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 116 page
background image
DS5319 Rev 18
27/116
STM32F103x8, STM32F103xB
Pinouts and pin description
115
Figure 10. STM32F103xx performance line VFQFPN36 pinout
36
35
34
33
32
31
30
29
28
VDD_3
1
27
VDD_2
OSC_IN/PD0
2
26
VSS_2
OSC_OUT/PD1
3
25
PA13
NRST
4
QFN36
24
PA12
VSSA
5
23
PA11
VDDA
6
22
PA10
PA0-WKUP
7
21
PA9
PA1
8
20
PA8
PA2
9
19
VDD_1
10
11
12
13
14
15
16
17
18
ai14654



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More