データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103CBT6XXX データシート(PDF) 29 Page - STMicroelectronics

部品番号 STM32F103CBT6XXX
部品情報  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBT6XXX データシート(HTML) 29 Page - STMicroelectronics

Back Button STM32F103CBT6XXX Datasheet HTML 25Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 26Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 27Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 28Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 29Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 30Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 31Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 32Page - STMicroelectronics STM32F103CBT6XXX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
DS5319 Rev 18
29/116
STM32F103x8, STM32F103xB
Pinouts and pin description
115
G2
L2
10
G2
14
23
7
PA0-WKUP
I/O -
PA0
WKUP/
USART2_CTS(9)/
ADC12_IN0/
TIM2_CH1_
ETR(9)
-
H2 M2
11
H2
15
24
8
PA1
I/O -
PA1
USART2_RTS(9)/
ADC12_IN1/
TIM2_CH2(9)
-
J2
K3
12
F3
16
25
9
PA2
I/O -
PA2
USART2_TX(9)/
ADC12_IN2/
TIM2_CH3(9)
-
K2
L3
13
G3
17
26 10
PA3
I/O -
PA3
USART2_RX(9)/
ADC12_IN3/
TIM2_CH4(9)
-
E4
E3
-
C2
18
27
-
VSS_4
S-
VSS_4
--
F4
H3
-
D2
19
28
-
VDD_4
S-
VDD_4
--
G3 M3
14
H3
20
29 11
PA4
I/O -
PA4
SPI1_NSS(9)/
USART2_CK(9)/
ADC12_IN4
-
H3 K4
15
F4
21
30 12
PA5
I/O -
PA5
SPI1_SCK(9)/
ADC12_IN5
-
J3
L4
16
G4
22
31 13
PA6
I/O -
PA6
SPI1_MISO(9)/
ADC12_IN6/
TIM3_CH1(9)
TIM1_BKIN
K3 M4
17
H4
23
32 14
PA7
I/O -
PA7
SPI1_MOSI(9)/
ADC12_IN7/
TIM3_CH2(9)
TIM1_CH1N
G4 K5
-
H5
24
33
PC4
I/O -
PC4
ADC12_IN14
-
H4
L5
-
H6
25
34
PC5
I/O -
PC5
ADC12_IN15
-
J4
M5
18
F5
26
35 15
PB0
I/O -
PB0
ADC12_IN8/
TIM3_CH3(9)
TIM1_CH2N
K4 M6
19
G5
27
36 16
PB1
I/O -
PB1
ADC12_IN9/
TIM3_CH4(9)
TIM1_CH3N
Table 5. Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More