データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103C8I7XXX データシート(PDF) 21 Page - STMicroelectronics

部品番号 STM32F103C8I7XXX
部品情報  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8I7XXX データシート(HTML) 21 Page - STMicroelectronics

Back Button STM32F103C8I7XXX Datasheet HTML 17Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 18Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 19Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 20Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 21Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 22Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 23Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 24Page - STMicroelectronics STM32F103C8I7XXX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
DS5319 Rev 18
21/116
STM32F103x8, STM32F103xB
Pinouts and pin description
115
3
Pinouts and pin description
Figure 3. STM32F103xx performance line LFBGA100 ballout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More