| データシートサーチシステム |
|
STM32F103C8T6TR データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8T6TR データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 116 page ![]() Memory mapping STM32F103x8, STM32F103xB 34/116 DS5319 Rev 18 4 Memory mapping The memory map is shown in Figure 11. Figure 11. Memory map reserved APB memory space DMA TIM2 Reserved TIM3 TIM4 reserved RTC WWDG IWDG reserved SPI2 USART2 USART3 AFIO Port A Port C Port D rese rve d ADC1 reserved USART1 reserved reserved ADC2 TIM1 SPI1 reserved I2C1 BKP Por t E PWR Port B I2C2 reserved bxCAN EXTI reserved RCC reserved Flash Interf ace reserved reserved reserved reserved USB Reg isters CRC 0 1 2 3 4 5 6 7 Peripherals SRAM Flash memory rese rved rese rved System memory Option Bytes Cortex- M3 Internal Peripherals ai14394f shared 512 byte USB/CAN SRAM Aliased to Flash or system memory depending on BOOT pins |