データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103CBT6TR データシート(PDF) 30 Page - STMicroelectronics

部品番号 STM32F103CBT6TR
部品情報  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBT6TR データシート(HTML) 30 Page - STMicroelectronics

Back Button STM32F103CBT6TR Datasheet HTML 26Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 27Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 28Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 29Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 30Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 31Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 32Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 33Page - STMicroelectronics STM32F103CBT6TR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 116 page
background image
Pinouts and pin description
STM32F103x8, STM32F103xB
30/116
DS5319 Rev 18
G5
L6
20
G6
28
37 17
PB2
I/O FT PB2/BOOT1
-
-
H5 M7
-
-
-
38
-
PE7
I/O FT
PE7
-
TIM1_ETR
J5
L7
-
-
-
39
-
PE8
I/O FT
PE8
-
TIM1_CH1N
K5 M8
-
-
-
40
-
PE9
I/O FT
PE9
-
TIM1_CH1
G6
L8
-
-
-
41
-
PE10
I/O FT
PE10
-
TIM1_CH2N
H6 M9
-
-
-
42
-
PE11
I/O FT
PE11
-
TIM1_CH2
J6
L9
-
-
-
43
-
PE12
I/O FT
PE12
-
TIM1_CH3N
K6 M10
-
-
-
44
-
PE13
I/O FT
PE13
-
TIM1_CH3
G7 M11
-
-
-
45
-
PE14
I/O FT
PE14
-
TIM1_CH4
H7 M12
-
-
-
46
-
PE15
I/O FT
PE15
-
TIM1_BKIN
J7 L10 21
G7
29
47
-
PB10
I/O FT
PB10
I2C2_SCL/
USART3_TX(9)
TIM2_CH3
K7 L11 22
H7
30
48
-
PB11
I/O FT
PB11
I2C2_SDA/
USART3_RX(9)
TIM2_CH4
E7 F12 23
D6
31
49 18
VSS_1
S-
VSS_1
--
F7 G12 24
E6
32
50 19
VDD_1
S-
VDD_1
--
K8 L12 25
H8
33
51
-
PB12
I/O FT
PB12
SPI2_NSS/
I2C2_SMBAl/
USART3_CK(9)/
TIM1_BKIN(9)
-
J8 K12 26
G8
34
52
-
PB13
I/O FT
PB13
SPI2_SCK/
USART3_CTS(9)/
TIM1_CH1N (9)
-
H8 K11 27
F8
35
53
-
PB14
I/O FT
PB14
SPI2_MISO/
USART3_RTS(9)
TIM1_CH2N (9)
-
G8 K10 28
F7
36
54
-
PB15
I/O FT
PB15
SPI2_MOSI/
TIM1_CH3N(9)
-
K9
K9
-
-
-
55
-
PD8
I/O FT
PD8
-
USART3_TX
J9
K8
-
-
-
56
-
PD9
I/O FT
PD9
-
USART3_RX
Table 5. Medium-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More