| データシートサーチシステム |
|
STM32F103C8T7TR データシート(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103C8T7TR データシート(HTML) 72 Page - STMicroelectronics |
|
72 / 116 page ![]() Electrical characteristics STM32F103x8, STM32F103xB 72/116 DS5319 Rev 18 Figure 35. SPI timing diagram - master mode(1) 1. Measurement points are done at CMOS levels: 0.3 VDD and 0.7 VDD. USB characteristics The USB interface is USB-IF certified (Full Speed). ai14136c CPHA= 0 MOSI OUTPUT MISO INP UT CPHA= 0 LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) MSB IN BIT6 IN MSB OUT Table 43. USB startup time Symbol Parameter Max Unit tSTARTUP(1) USB transceiver startup time 1 µs 1. Specified by design, not tested in production. |