データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103C8U7TR データシート(PDF) 34 Page - STMicroelectronics

部品番号 STM32F103C8U7TR
部品情報  Medium-density performance line Arm®-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C8U7TR データシート(HTML) 34 Page - STMicroelectronics

Back Button STM32F103C8U7TR Datasheet HTML 30Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 31Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 32Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 33Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 34Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 35Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 36Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 37Page - STMicroelectronics STM32F103C8U7TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
Memory mapping
STM32F103x8, STM32F103xB
34/116
DS5319 Rev 18
4
Memory mapping
The memory map is shown in Figure 11.
Figure 11. Memory map
reserved
APB memory space
DMA
TIM2
Reserved
TIM3
TIM4
reserved
RTC
WWDG
IWDG
reserved
SPI2
USART2
USART3
AFIO
Port A
Port C
Port D
rese rve d
ADC1
reserved
USART1
reserved
reserved
ADC2
TIM1
SPI1
reserved
I2C1
BKP
Por t E
PWR
Port B
I2C2
reserved
bxCAN
EXTI
reserved
RCC
reserved
Flash Interf ace
reserved
reserved
reserved
reserved
USB Reg isters
CRC
0
1
2
3
4
5
6
7
Peripherals
SRAM
Flash memory
rese rved
rese rved
System memory
Option Bytes
Cortex- M3 Internal
Peripherals
ai14394f
shared 512 byte
USB/CAN SRAM
Aliased to Flash or system
memory depending on
BOOT pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More