データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP2030T-I/ST データシート(PDF) 13 Page - Microchip Technology

部品番号 MCP2030T-I/ST
部品情報  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030T-I/ST データシート(HTML) 13 Page - Microchip Technology

Back Button MCP2030T-I/ST Datasheet HTML 9Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 10Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 11Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 12Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 13Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 14Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 15Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 16Page - Microchip Technology MCP2030T-I/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 13
MCP2030
FIGURE 2-18:
ALERT Output Example: With No Parity Error and no 32 ms Alarm Timer Time-out.
Note:
Ch3 is the input with correct Output Enable Filter timing.
Ch1 is the demodulated LFDATA output.
Ch2 is the ALERT pin output. It shows that the ALERT output pin maintains logic high if the input signal
meets the programmed filter timing requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66