データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CM26-R0CDD データシート(PDF) 2 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-CM26-R0CDD
部品情報  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CM26-R0CDD データシート(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-CM26-R0CDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CM26-R0CDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Dimensions
1.14
± 0.20
(0.045
± 0.008)
NOTE 1
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
∅
CATHODE
LEAD
2.35 (0.093)
MAX.
CATHODE
FLAT
Package A
Package B
5.80
± 0.20
(0.228
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
∅
CATHODE
FLAT
1.14
± 0.20
(0.045
± 0.008)
NOTE 1
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244)
MIN.
0.70 (0.028)
MAX.
1.50
± 0.15
(0.059
± 0.006)
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
DIMENSION H
(REFER TO TABLE BELOW)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
NOTES:
1. MEASURED JUST ABOVE FLANGE.
2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES).
3. EPOXY MENISCUS MAY EXTEND ABOUT 1 mm (0.040") DOWN THE LEADS.
4. IF HEAT SINKING APPLICATION IS REQUIRED, THE TERMINAL FOR HEAT SINK IS ANODE.
DIMENSION H:
15
° = 11.40 ± 0.25 mm (0.449 ± 0.01 INCH)
23
° = 11.85 ± 0.25 mm (0.467 ± 0.01 INCH)
30
° = 11.50 ± 0.25 mm (0.453 ± 0.01 INCH)
CATHODE
LEAD



Html Pages

1 2 3 4 5 6 7 8 9