| データシートサーチシステム |
|
OV7750 データシート(PDF) 21 Page - OmniVision Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
OV7750 データシート(HTML) 21 Page - OmniVision Technologies, Inc. |
|
21 / 125 page ![]() 10.12.2015 PRODUCT SPECIFICATION proprietary to OmniVision Technologies 2-5 2.3.2 VSYNC timing in MIPI mode The VSYNC rising edge delay is controlled by register vsync_delay ({0x4314, 0x4315, 0x4316}) in all three VSYNC modes. VSYNC width is controlled by register vsync_width_pixel ({0x4311, 0x4312}) for VSYNC modes 1 and 2. The steps of both registers vsync_delay and vsync_width_pixel are 1 system clock cycle. Note that VSYNC timing in mode 3 is a long VSYNC mode. The register vsync_width_pixel ({0x4311, 0x4312}) controls VSYNC falling edge differently. 2.3.2.1 VSYNC mode 1 In mode 1, VSYNC is generated by the internal start of frame (SOF) signal (see figure 2-4). figure 2-4 VSYNC timing in mode 1 2.3.2.2 VSYNC mode 2 In mode 2, VSYNC is generated by the internal end of frame (EOF) signal (see figure 2-5). figure 2-5 VSYNC timing in mode 2 2.3.2.3 VSYNC mode 3 In mode 3, VSYNC is generated by EOF and SOF (see figure 2-6). figure 2-6 VSYNC timing in mode 3 pclk VSYNC SOF can be adjusted can be adjusted 7750_DS_2_4 pclk EOF VSYNC can be adjusted can be adjusted 7750_DS_2_5 pclk EOF VSYNC SOF can be adjusted can be adjusted 7750_DS_2_6 21 Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. Downloaded from Arrow.com. |