データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RCM2000 データシート(PDF) 21 Page - Digi International Inc.

部品番号 RCM2000
部品情報  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIGI [Digi International Inc.]
ホームページ  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 データシート(HTML) 21 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 17Page - Digi International Inc. RCM2000 Datasheet HTML 18Page - Digi International Inc. RCM2000 Datasheet HTML 19Page - Digi International Inc. RCM2000 Datasheet HTML 20Page - Digi International Inc. RCM2000 Datasheet HTML 21Page - Digi International Inc. RCM2000 Datasheet HTML 22Page - Digi International Inc. RCM2000 Datasheet HTML 23Page - Digi International Inc. RCM2000 Datasheet HTML 24Page - Digi International Inc. RCM2000 Datasheet HTML 25Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
User’s Manual
17
3.1.1.8 Advantages of Cooperative Multitasking
Cooperative multitasking, as implemented with language extensions, has the advantage of
being intuitive. Unlike preemptive multitasking, variables can be shared between different
tasks without having to take elaborate precautions. Sharing variables between tasks is the
greatest cause of bugs in programs that use preemptive multitasking. It might seem that
the biggest problem would be response time because of the big loop time becoming long
as the program grows. Our solution for that is called slicing, which is further described in
the Dynamic C User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80