データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72334J データシート(PDF) 124 Page - STMicroelectronics

部品番号 ST72334J
部品情報  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J データシート(HTML) 124 Page - STMicroelectronics

Back Button ST72334J Datasheet HTML 117Page - STMicroelectronics ST72334J Datasheet HTML 118Page - STMicroelectronics ST72334J Datasheet HTML 119Page - STMicroelectronics ST72334J Datasheet HTML 120Page - STMicroelectronics ST72334J Datasheet HTML 121Page - STMicroelectronics ST72334J Datasheet HTML 122Page - STMicroelectronics ST72334J Datasheet HTML 123Page - STMicroelectronics ST72334J Datasheet HTML 124Page - STMicroelectronics ST72334J Datasheet HTML 125Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
124/125
10 SUMMARY OF CHANGES
Description of the changes between the current release of the specification and the previous one.
Revision
Main changes
Date
1.0
New chapter to compare ST72334 versus ST72331 (section 2.1 on page 6)
Correction of the address of the CRSR register to 2Bh instead of 25h (Table 4 page 33)
Correction of port A pin name column in Table 9 page 44 (PA2:0 instead of PA3:0)
Correction of MISCR2 register description (section 6.2.3 on page 48)
Correction of the FLASH and data EEPROM programming time (section 8.7 on page 111)
Correction of the TQFP44 socket proposal (Table 23 page 120)
More information on the FMP option bit (section 9.2.1 on page 121)
Added .S19 format in transfer of Code (section 9.2.2 on page 122)
Correction of the microcontroller option list (section 9.2.2 on page 122)
History page added (section 10 on page 124)
Sept-99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More