| データシートサーチシステム |
|
FD-E13 データシート(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
FD-E13 データシート(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 28 page ![]() Digital Fiber Sensor FX-300 SERIES 150 Selection Guide Fibers Fiber Amplifiers FX-500 FX-100 FX-300 FX-410 FX-311 FX-301-F7/ FX-301-F FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS Thru-beam type (One pair set) Fibers are listed in alphabetic order. Refer to p.5~ for details of each fiber. Model No. Sensing range (mm in) (Note 1) Dimensions FX-301B / 311B FX-301G / 311G FX-301H (Note 2) LONG STD FAST LONG STD FAST LONG STD FAST FT-140 8,100 318.898 4,000 157.480 3,100 122.047 5,000 196.850 2,400 94.488 1,600 62.992 3,700 145.669 2,000 78.740 1,400 55.118 P.51 FT-30 55 2.165 28 1.102 18 0.709 28 1.102 13 0.512 9 0.354 25 0.984 13 0.512 9 0.354 P.51 FT-31 50 1.969 25 0.984 16 0.630 24 0.945 12 0.472 8 0.315 23 0.906 11 0.433 8 0.315 P.51 FT-31S 50 1.969 25 0.984 16 0.630 24 0.945 12 0.472 8 0.315 23 0.906 11 0.433 8 0.315 P.51 FT-31W 31 1.220 15 0.591 10 0.394 15 0.591 8 0.315 5 0.197 18 0.709 8 0.315 5 0.197 P.51 FT-40 155 6.102 76 2.992 45 1.772 90 3.543 40 1.575 26 1.024 80 3.150 43 1.693 27 1.063 P.51 FT-42 150 5.906 75 2.953 40 1.575 80 3.150 35 1.378 24 0.945 75 2.953 40 1.575 25 0.984 P.51 FT-42S 150 5.906 75 2.953 40 1.575 70 2.756 35 1.378 24 0.945 75 2.953 40 1.575 25 0.984 P.51 FT-42W 110 4.331 50 1.969 30 1.181 56 2.205 28 1.102 20 0.787 64 2.520 32 1.260 21 0.827 P.51 FT-43 220 8.661 110 4.331 75 2.953 120 4.724 61 2.402 43 1.693 140 5.512 74 2.913 48 1.890 P.51 FT-45X 130 5.118 65 2.559 45 1.772 70 2.756 34 1.339 25 0.984 160 6.299 79 3.110 53 2.087 P.52 FT-A11 880 34.646 420 16.535 270 10.630 430 16.929 220 8.661 120 4.724 500 19.685 220 8.661 120 4.724 P.52 FT-A11W 820 32.283 420 16.535 280 11.024 460 18.110 220 8.661 140 5.512 520 20.472 240 9.449 140 5.512 P.52 FT-A32 1,800 70.866 710 27.953 400 15.748 970 38.189 320 12.598 180 7.087 910 35.827 340 13.386 150 5.906 P.52 FT-A32W 2,000 78.740 830 32.677 420 16.535 1,000 39.370 350 13.780 180 7.087 910 35.827 340 13.386 150 5.906 P.52 FT-AL05 100 3.937 48 1.890 32 1.260 56 2.205 27 1.063 18 0.709 54 2.126 27 1.063 18 0.709 P.52 FT-E13 2 0.079 1 0.039 – 1 0.039 – – 2 0.079 1 0.039 – P.52 FT-E23 8 0.315 4 0.157 3 0.118 4 0.157 2 0.079 1 0.039 10 0.394 5 0.197 3 0.118 P.52 FT-H13-FM2 72 2.835 36 1.417 26 1.024 32 1.260 16 0.630 10 0.394 70 2.756 35 1.378 25 0.984 P.52 FT-H20-J20-S (Note 3) 60 2.362 20 0.787 – 35 1.378 – – 20 0.787 – – P.53 FT-H20-J30-S (Note 3) 60 2.362 20 0.787 – 35 1.378 – – 20 0.787 – – P.53 FT-H20-J50-S (Note 3) 60 2.362 20 0.787 – 35 1.378 – – 20 0.787 – – P.53 FT-H20-M1 100 3.937 50 1.969 35 1.378 50 1.969 25 0.984 18 0.709 550 21.654 280 11.024 160 6.299 P.53 FT-H20-VJ50-S (Note 3) 85 3.346 30 1.181 – 50 1.969 – – 30 1.181 – – P.53 FT-H20-VJ80-S (Note 3) 85 3.346 30 1.181 – 50 1.969 – – 30 1.181 – – P.53 FT-H20W-M1 44 1.732 22 0.866 14 0.551 22 0.866 11 0.433 7 0.276 220 8.661 100 3.937 70 2.756 P.53 FT-H30-M1V-S (Note 4) 40 1.575 20 0.787 – 20 0.787 – – 20 0.787 – – P.53 FT-H35-M2 100 3.937 50 1.969 35 1.378 50 1.969 25 0.984 18 0.709 550 21.654 280 11.024 160 6.299 P.53 FT-H35-M2S6 100 3.937 50 1.969 35 1.378 50 1.969 25 0.984 18 0.709 550 21.654 280 11.024 160 6.299 P.53 FT-HL80Y 80 3.150 40 1.575 25 0.984 110 4.331 55 2.165 40 1.575 1,100 43.307 550 21.654 350 13.780 P.53 FT-KS40 740 29.134 280 11.024 220 8.661 420 16.535 180 7.087 81 3.189 460 18.110 190 7.480 95 3.740 P.54 FT-KV26 81 3.189 36 1.417 21 0.827 44 1.732 8 0.315 – 53 2.087 19 0.748 – P.54 FT-KV40 710 27.953 270 10.630 210 8.268 420 16.535 180 7.087 100 3.937 290 11.417 120 4.724 53 2.087 P.54 FT-KV40W 860 33.858 400 15.748 260 10.236 420 16.535 210 8.268 140 5.512 490 19.291 240 9.449 140 5.512 P.54 FT-L80Y 160 6.299 80 3.150 50 1.969 160 6.299 80 3.150 50 1.969 400 15.748 200 7.874 150 5.906 P.54 FT-R31 45 1.772 23 0.906 15 0.591 24 0.945 12 0.472 8 0.315 23 0.906 11 0.433 8 0.315 P.54 FT-R40 110 4.331 54 2.126 36 1.417 55 2.165 26 1.024 20 0.787 58 2.283 30 1.181 20 0.787 P.54 FT-R41W 110 4.331 50 1.969 30 1.181 56 2.205 28 1.102 20 0.787 64 2.520 32 1.260 21 0.827 P.54 FT-R42W 280 11.024 130 5.118 90 3.543 140 5.512 70 2.756 47 1.850 140 5.512 70 2.756 47 1.850 P.54 SENSING RANGE OF BLUE LED / GREEN LED / INFRARED LED Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 2) Because infrared types are easily affected by humidity, please ask assistance when using them in a humid environment or in an environment with varying humidity. 3) Heat-resistant joint fibers and ordinary-temperature fibers ( FT-42) are sold as a set. 4) Sold as a set comprising vacuum type fiber + photo-terminal ( FV-BR1) + fiber at atmospheric side (FT-J8). |