データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E3F3-R17M-L データシート(PDF) 6 Page - Omron Electronics LLC

部品番号 E3F3-R17M-L
部品情報  Threaded Cylindrical Photoelectric Sensor with Built-in Amplifier for Use as an Optical Proximity Sensor High Noise-immunity with Photo-IC Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F3-R17M-L データシート(HTML) 6 Page - Omron Electronics LLC

  E3F3-R17M-L Datasheet HTML 1Page - Omron Electronics LLC E3F3-R17M-L Datasheet HTML 2Page - Omron Electronics LLC E3F3-R17M-L Datasheet HTML 3Page - Omron Electronics LLC E3F3-R17M-L Datasheet HTML 4Page - Omron Electronics LLC E3F3-R17M-L Datasheet HTML 5Page - Omron Electronics LLC E3F3-R17M-L Datasheet HTML 6Page - Omron Electronics LLC E3F3-R17M-L Datasheet HTML 7Page - Omron Electronics LLC E3F3-R17M-L Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
E3F3 Photoelectric Sensor
■ Accessories (Order Separately)
E39-R1 Retroreflector
7.5
2.7
52
7
Two, 3.5 dia.
59.9
40.3
34
8
E39-R3 Retroreflector
E39-RS1 Retroreflector
E39-RS2 Retroreflector
11
34.8
19.3
Two, M3
2.6
1.2
34
38
41.8
10.1
25.4+0.1
1.2
Two, M3
0.2
20
38
1.2
105
34
R25.4
16
Two, 3.2 dia.
11
20
0.2
0.2
145
13.7
29
3.4
R20
4.5
3.4
7
18.45
6
28
22.9
3.4
Adhesive
side
25.4
Mounting Bracket for E39-K3
(Sold Together)
E39-RS3 Retroreflector
Adhesive
tape side
Adhesive
tape side
Adhesive
tape side
Material: Acrylic resin
Material: Acrylic resin
Material: Acrylic resin



Html Pages

1 2 3 4 5 6 7 8