| データシートサーチシステム |
|
HC05V7GRS/D データシート(PDF) 89 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05V7GRS/D データシート(HTML) 89 Page - NXP Semiconductors |
|
89 / 170 page ![]() SECTION 12: CORE TIMER Page 75 MC68HC05V7 Specification Rev. 1.0 SECTION 12 CORE TIMER The Core Timer for this device is a 12-stage multifunctional ripple counter. The features include Timer Over Flow, Power-On Reset (POR), Real Time Interrupt (RTI), and COP Watchdog Timer. Figure 12-1: Core Timer Block Diagram COP Clear Internal Bus $09 Core Timer Counter Register (CTCR) 5-bit counter CTOF RTIF TOFE RTIE RT1 Interrupt Circuit $08 RTI Select Circuit Status Register RT0 Timer Control & Overflow Circuit Detect COP Watchdog Timer ( ÷8) To Reset Logic 8 8 RTFC TOFC E/2 10 TCBP CTCSR CTCR Internal Peripheral Clock (Ε) To Interrupt Logic RTIout E / 2 12 POR E/22 div /4 E / 2 9 E / 2 14 E / 2 13 E / 2 12 E / 2 11 23 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |