| データシートサーチシステム |
|
68HC705JB2 データシート(PDF) 59 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705JB2 データシート(HTML) 59 Page - NXP Semiconductors |
|
59 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION PROGRAMMABLE TIMER REV 1.1 9-1 SECTION 9 PROGRAMMABLE TIMER This 16-bit Programmable Timer (Timer1) has an Input Capture function and an Output Compare function. Figure 9-1 shows a block diagram of the 16-bit programmable timer. Figure 9-1. Programmable Timer Block Diagram TMRH ($0018) TMRL ($0019) 16-BIT COUNTER ÷ 4 INTERNAL (fOSC ÷ 2) TIMER CONTROL REGISTER TIMER REQUEST RESET CLOCK INTERRUPT ACRH ($001A) ACRL ($001B) 16-BIT COMPARATOR OCRH ($0016) OCRL ($0017) TCAP EDGE SELECT & DETECT TIMER STATUS REGISTER $0012 $0013 INTERNAL DATA BUS LOGIC ICRH ($0014) ICRL ($0015) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |