| データシートサーチシステム |
|
68HC705JB2 データシート(PDF) 103 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705JB2 データシート(HTML) 103 Page - NXP Semiconductors |
|
103 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION EPROM REV 1.1 11-3 CAUTION It is important to remember that an external programming voltage must be applied to the VPP pin while programming, but it should be equal to VDD during normal operations. Figure 11-1 shows the flow required to successfully program the EPROM. Figure 11-1. EPROM Programming Sequence START ELAT=1 Write EPROM byte EPGM=1 Wait 1ms EPGM=0 ELAT=0 Write additional byte? N Y END Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |