| データシートサーチシステム |
|
HC705V8GRS/D データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705V8GRS/D データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 172 page ![]() Page xiii MC68HC705V8 Specification Rev. 2.1 LIST OF TABLES Table 3-1: Bootloader Functions...........................................................................23 Table 3-2: Erase Mode Select ..............................................................................28 Table 3-3: EEPROM Write/Erase Cycle Reduction ..............................................29 Table 5-1: Vector Address for Interrupts and Reset .............................................36 Table 6-1: COP Watchdog Timer Recommendations ..........................................49 Table 10-1: A/D Channel Assignments...................................................................73 Table 12-1: RTI and COP Rates at 2.1 MHz ..........................................................83 Table 13-1: PWM Clock Rate .................................................................................87 Table 15-1: MDLC Transmit Abort Function Summary.........................................103 Table 15-2: MDLC Rate Selection ........................................................................104 Table 15-3: MDLC J1850 Bus Error Summary .....................................................116 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |