| データシートサーチシステム |
|
74LVC07AD データシート(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC07AD データシート(HTML) 7 Page - NXP Semiconductors |
|
7 / 16 page ![]() 2000 Mar 07 7 Philips Semiconductors Product specification Hex buffer with open-drain outputs 74LVC07A AC CHARACTERISTICS GND = 0 V; VCC ≤ 2.7 V and tr =tf ≤ 2 ns; VCC ≥ 2.7 V and tr =tf ≤ 2.5 ns. Note 1. All typical values are measured at Tamb =25 °C and at VCC respectively 1.8, 2.5, 2.7, 3.3 and 5.0 V. SYMBOL PARAMETER TEST CONDITIONS Tamb (°C) UNIT WAVEFORMS VCC (V) −40 to +85 MIN. TYP.(1) MAX. tPLZ/tPZL propagation delay nA to nY see Figs 5 and 6 1.65 to 1.95 − 2.5 − ns 2.3 to 2.7 0.5 1.6 2.8 ns 2.7 0.5 2.4 3.3 ns 3.0 to 3.6 0.5 2.2 3.6 ns 4.5 to 5.5 0.5 1.6 2.6 ns AC WAVEFORMS handbook, full pagewidth MNA528 tPLZ VX nY output nA input VI VCC VM VOL GND tPZL VM Fig.5 The input nA to output nY propagation delays. VCC VM VX <2.7 V 0.5 × VCC VOL + 0.15 V ≥2.7 to 3.6 V 1.5 V VOL + 0.3 V ≥4.5 to 5.5 V 0.5 × V CC VOL + 0.3 V |