| データシートサーチシステム |
|
2000SERIES データシート(PDF) 14 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
2000SERIES データシート(HTML) 14 Page - Pico Technology Ltd. |
|
14 / 27 page ![]() PicoScope 2000 Series oscilloscopes 20-way 25 cm digital MSO cable MSO test clips Kit contents and accessories The PicoScope 2000 Series oscilloscope kit contains the following items: • USB 2.0 (USB 3.0/3.1 compatible) cable • Two or four x1/x10 passive probes (except kits specified as without probes) • Digital input cable (MSO models only) • 20 logic test clips (MSO models only) • Quick Start Guide Probes, cables and clips Your PicoScope 2000 Series oscilloscope kit comes with probes trimmed to match the performance of your oscilloscope. MSO models are also supplied with an MSO cable and 20 test clips. Oscilloscope probe |