| データシートサーチシステム |
|
DC2AB5LA データシート(PDF) 2 Page - Cherry Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
DC2AB5LA データシート(HTML) 2 Page - Cherry Semiconductor Corporation |
|
2 / 3 page ![]() 20 Straight (120 °C Rated) Plastic Straight (85 °C Rated) Roller Plastic Roller Plastic Simulated Roller Operating Point Rest Position »L« ±0.03 ( ±0.8) »L« ±0.03 ( ±0.8) R 0.10 (2.5) R 2 ø5 ø0.19 (ø4.8) »L« ±0.03 ( ±0.8) »L« ±0.03 ( ±0.8) »L« ±0.03 ( ±0.8) »L« ±0.03 ( ±0.8) Auxiliary Actuators inches(mm) Specificationssubjecttochangewithoutnotice. Actuator Specifications Maximum Maximum Operating Max. Movement Operating Force Pre-Travel Point Differential (cN) inches(mm) inches(mm) Minimum inches(mm) Max. Rest Actuation Over-Travel Position Length Actuator Switch DC1, DC1, DC1, inches DC1, inches inches Code Type DC3, DC4 DC2 DC3, DC4 DC2 DC3, DC4 DC2 (mm) DC3, DC4 DC2 (mm) (mm) AA 200 340 0.04 0.04 0.33 ± 0.01 0.33 ± 0.01 0.02 0.004 0.004 0.37 — (1.0) (1.0) (8.4 ± 0.3) (8.4 ± 0.3) (0.6) (0.10) (0.10) (9.3) — LB 80 150 0.18 0.20 0.42 ± 0.05 0.42 ± 0.06 0.06 0.02 0.03 0.55 0.189 (4.5) (5.0) (10.7 ± 1.3) (10.7 ± 1.6) (1.5) (0.5) (0.7) (14.0) (4.8) LC 70 120 0.20 0.22 0.44 ± 0.06 0.44 ± 0.07 0.06 0.02 0.04 0.59 0.276 (5.0) (5.5) (11.1 ± 1.5) (11.1 ± 1.8) (1.5) (0.6) (1.0) (15.0) (7.0) LD forces and travel available upon request 1.654 (42.0) SB 90 160 0.18 0.20 0.63 ± 0.05 0.63 ± 0.06 0.06 0.02 0.03 0.75 0.098 (4.5) (5.0) (16.0 ± 1.3) (16.0 ± 1.6) (1.5) (0.5) (0.7) (19.0) (2.5) SC 80 130 0.20 0.22 0.65 ± 0.06 0.65 ± 0.07 0.06 0.02 0.04 0.79 0.185 (5.0) (5.5) (16.4 ± 1.5) (16.4 ± 1.8) (1.5) (0.6) (1.0) (20.0) (4.7) SD forces and travel available upon request 1.563 (39.7) RB 90 160 0.18 0.20 0.62 ± 0.05 0.62 ± 0.06 0.06 0.02 0.03 0.75 0.098 (4.5) (5.0) (15.8 ± 1.3) (15.8 ± 1.6) (1.5) (0.5) (0.7) (19.0) (2.5) RC 80 130 0.20 0.22 0.64 ± 0.06 0.64 ± 0.07 0.06 0.02 0.04 0.79 0.185 (5.0) (5.5) (16.2 ± 1.5) (16.2 ± 1.8) (1.5) (0.6) (1.0) (20.0) (4.7) RD forces and travel available upon request 1.563 (39.7) WB 68 115 0.18 0.18 0.44 ± 0.06 0.44 ± 0.06 0.08 0.02 0.02 0.59 0.276 (4.5) (4.5) (11.1 ± 1.5) (11.1 ± 1.5) (2.0) (0.6) (0.6) (15.0) (7.0) WC 50 85 0.24 0.24 0.48 ± 0.07 0.48 ± 0.07 0.12 0.03 0.03 0.67 0.551 (6.0) (6.0) (12.2 ± 1.8) (12.2 ± 1.8) (3.0) (0.8) (0.8) (17.0) (14.0) VB 73 125 0.18 0.18 0.47 ± 0.06 0.47 ± 0.06 0.08 0.02 0.02 0.59 0.220 (4.5) (4.5) (11.9 ± 1.4) (11.9 ± 1.4) (2.0) (0.6) (0.6) (15.0) (5.6) ZB 73 125 .018 0.18 0.63 ± 0.06 0.63 ± 0.06 0.06 0.02 0.02 0.75 0.205 (4.5) (4.5) (16.0 ± 1.4) (16.0 ± 1.4) (1.5) (0.6) (0.6) (19.0) (5.2) |