データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

93C86ATIMCG データシート(PDF) 7 Page - Microchip Technology

部品番号 93C86ATIMCG
部品情報  16K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C86ATIMCG データシート(HTML) 7 Page - Microchip Technology

Back Button 93C86ATIMCG Datasheet HTML 3Page - Microchip Technology 93C86ATIMCG Datasheet HTML 4Page - Microchip Technology 93C86ATIMCG Datasheet HTML 5Page - Microchip Technology 93C86ATIMCG Datasheet HTML 6Page - Microchip Technology 93C86ATIMCG Datasheet HTML 7Page - Microchip Technology 93C86ATIMCG Datasheet HTML 8Page - Microchip Technology 93C86ATIMCG Datasheet HTML 9Page - Microchip Technology 93C86ATIMCG Datasheet HTML 10Page - Microchip Technology 93C86ATIMCG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21797G-page 7
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
2.4
Erase
The ERASE instruction forces all data bits of the
specified address to the logical ‘1’ state. The rising
edge of CLK before the last address bit initiates the
write cycle.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been erased and
the device is ready for another instruction.
FIGURE 2-1:
ERASE TIMING
Note:
After the Erase cycle is complete, issuing
a Start bit and then taking CS low will clear
the Ready/Busy status from DO.
CS
CLK
DI
DO
TCSL
Check Status
11
1
AN
AN-1
AN-2
•••
A0
TSV
TCZ
Busy
Ready
High-Z
TWC
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28