| データシートサーチシステム |
|
2SC5183 データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
2SC5183 データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 14 page ![]() 2 2SC5183 ELECTRICAL CHARACTERISTICS (TA = 25 ˚C) PARAMETER SYMBOL MIN. TYP. MAX. UNIT CONDITIONS Collector Cutoff Current ICBO 100 nA VCB = 5 V, IE = 0 Emitter Cutoff Current IEBO 100 nA VEB = 1 V, IC = 0 DC Current Gain hFE 70 140 VCE = 2 V, IC = 20 mA*1 Insertion Power Gain (1) |S21e|2 7.5 10 dB VCE = 2 V, IC = 20 mA, f = 2 GHz Insertion Power Gain (2) |S21e|2 7 8.5 dB VCE = 1 V, IC = 10 mA, f = 2 GHz Noise Figure (1) NF 1.3 2.0 dB VCE = 2 V, IC = 3 mA, f = 2 GHz Noise Figure (2) NF 1.3 2.0 dB VCE = 1 V, IC = 3 mA, f = 2 GHz Gain Bandwidth Product (1) fT 9.5 12.5 GHz VCE = 2 V, IC = 20 mA, f = 2 GHz Gain Bandwidth Product (2) fT 7.5 10.5 GHz VCE = 1 V, IC = 10 mA, f = 2 GHz Feed-back Capacitance Cre 0.3 0.6 pF VCB = 2 V, IE = 0 mA, f = 1 MHz*2 *1 Measured with pulses: Pulse width ≤ 350 µs, duty clcye ≤ 2 %, pulsed. *2 Measured with a three-terminal bridge. The emitter and case terminal are connected to the guard terminal of the bridge. hFE Class Class FB Marking T86 hFE 70 to 140 |