データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

907 データシート(PDF) 4 Page - Anderson Power Products, Inc.

部品番号 907
部品情報  SB® 350 Connectors Up to 500 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APP [Anderson Power Products, Inc.]
ホームページ  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

907 データシート(HTML) 4 Page - Anderson Power Products, Inc.

  907 Datasheet HTML 1Page - Anderson Power Products, Inc. 907 Datasheet HTML 2Page - Anderson Power Products, Inc. 907 Datasheet HTML 3Page - Anderson Power Products, Inc. 907 Datasheet HTML 4Page - Anderson Power Products, Inc. 907 Datasheet HTML 5Page - Anderson Power Products, Inc. 907 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
- 99 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 350 ACCESSORIES
Slide cover over
mating end.
SB® 350 Connector
not included.
996G1
[ 60.5 ]
2.38
[ 76.1 ]
3.00
[ 65 ]
2.56
[ 10.8 ]
0.43
[ 61.9 ]
2.44
[ 2.1 ]
0.08
[ 1.5 ]
0.06
[ 11.9 ]
0.47
Cable Clamps *
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls
from dislodging wire or contacts from the housing. Cable clamps are recommended
for solder terminated wires.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
Part Number
Minimum Quantity
10
Bolt On for Discrete Conductor
1.00 to 0.35
25.4 to 8.8
996G1
* Torque value 50 (in - lbs) / 5.6 (Nm)
NOTE: For assembly of clamp to housing only
The given wire O.D. information is an estimate.
Cable clamps should be evaluated for
performance with the actual wire to be used.
Handles *
Handles are made out of durable PC plastic.
Hardware to attach to connector body included in kits.
Description
Part Numbers
Minimum Quantity
100
25
Gray Handle Kit
-
995G2
Red Handle Kit
-
995G4
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black
3-5074P5
-
Hardware Bag
-
106G7
* Torque value 50 (in - lbs) / 5.6 (Nm)
NOTE: For assembly of clamp to housing only
Dust Cover
Prevents dust and dirt from entering the mating interface
of the connector when unmated. NOTE: Not a Hermetic Seal.
Description
Part Numbers
Minimum Quantity
500
50
Dust Cover with Lanyard Strap, Red
113890P3
134G3
SB® 350 Lockout
Works with standard lockout - tagout equipment to prevent access to
the mating interface of the connector. Made from durable PC plastic.
Description
Part Number
Minimum Quantity
25
Red Lockout - Tagout Kit SB350-LOCKOUT



Html Pages

1 2 3 4 5 6