| データシートサーチシステム |
|
SB175-LOCKOUT データシート(PDF) 2 Page - Anderson Power Products, Inc. |
|
|
|||||||||||||||||||||||||||||
SB175-LOCKOUT データシート(HTML) 2 Page - Anderson Power Products, Inc. |
|
2 / 9 page ![]() - 89 - All Data Subject To Change Without Notice www.andersonpower.com SB® 175 3 Pole Housings & Hardware A three pole version of the standard SB® 175 housing has a two piece housing with springs and hardware. Useful for DC 2 wire plus ground and AC single phase applications. Description Part Numbers Minimum Quantity 100 25 Gray Housing and Hardware Kit - 902 Gray Housing Top Half 2-5048 - Gray Housing Bottom Half 2-5049 - Hardware Kit - 110G34 SB® 175 Silver Plated Wire Contacts Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles. See reducing bushings in accessory section for smaller wires. Dimensions Mating Loose Piece - A - - B - - C - - D - AWG mm² Force Part Numbers inches mm inches mm inches mm inches mm Minimum Quantity 500 50 1/0 53.5 High 1382-BK 1382 2.35 59.69 0.52 13.21 0.44 11.18 1.04 26.42 1 42.4 High 1347-BK 1347 2.35 59.69 0.52 13.21 0.39 9.91 1.04 26.42 2 33.6 High 1383-BK 1383 2.35 59.69 0.52 13.21 0.35 8.89 1.04 26.42 4 21.1 High 1384-BK 1384 2.35 59.69 0.52 13.21 0.30 7.62 1.04 26.42 6 13.3 High 1348-BK 1348 2.10 53.34 0.37 9.40 0.22 5.59 0.80 26.42 2/0 * 70 Low 1328G1-BK 1328G1 2.35 59.69 0.64 16.26 0.49 12.45 1.04 26.42 * Use with 115107G1 only SB® 175 Silver Plated Busbar Contacts Provides a quick disconnect input or output busbar connection. Busbar contacts are for mating with wire contacts only. Part number 180BBS includes lock nuts. Locknuts must be ordered separately for 180BBS-BK. Mating Type Thread Force Loose Piece Part Numbers Minimum Quantity 1,000 120 10 Busbar 1/4-20 High - 180BBS-BK 180BBS Lock Nut 1/4-20 - H1216P7 110G56 110G55 Silver Plated Wire Contacts - use with 2/0 Housing ONLY Silver plated contacts offer superior electrical performance and durability up to 5,000 mating cycles. Dimensions - A - - B - - C - - D - Type AWG mm² Loose Piece Part Numbers inches mm inches mm inches mm inches mm Minimum Quantity 300 50 Individual 2/0 70 1328G1-BK 1328G1 2.35 59.69 0.64 16.26 0.49 12.45 1.04 26.42 [ 79.4 ] 3.13 [28.6] 1.13 [ 11.7 ] 0.46 [ 6.7 ] Ø 0.27 (4) [ 28.6 ] 1.13 [ 82.6 ] 3.25 [ 26.2 ] 1.03 [ 25.4 ] 1.00 Top View Side View See Busbar contact drawing on website for further detail. B [ 109.0 ] 4.29 [ 25.4 ] 1.0 [ 12.7 ] 0.5 [ 4.57 ] 0.18 #¼- 20 THD [ 12.7 ] 0.50 B C A D [ 12.7 ] 0.50 B A D C |